PART |
Description |
Maker |
PDTA124E PDTA124EEF PDTA124EM PDTA124ET PDTA124EEF |
PNP resistor-equipped transistors; R1 = 22 k惟, R2 = 22 k惟 PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors NXP Semiconductors N.V.
|
PDTC114TU PDTC114TT PDTA114TM PDTA114T PDTA114TE P |
NPN resistor-equipped transistor PNP resistor-equipped transistors; R1 = 10 kOHM R2 = open PDTA114T series; PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTA143ZEF PDTA143ZU PDTA143ZK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=4.7千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTA114TU PDTA114TS PDTA114TE PDTA114TT PDTA114TU1 |
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = open PNP配电阻型晶体管;R1=10千欧姆,R2=开
|
NXP Semiconductors N.V.
|
PDTA123EE PDTA123EEF PDTA123EK PDTA123EU PDTA123ET |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PDTA123E series; PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMB3 PEMB3_1 |
PNP resistor-equipped double transistor R1 = 4.7 kohm/ R2 = open PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open From old datasheet system
|
Philips Semiconductors NXP Semiconductors
|
PEMB14 PUMB14 |
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
|
NXP Semiconductors
|
PEMD13 PEMD13_1 |
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP RESISTOR-EQUIPPED TRANSISTORS; R1 = 4.7 KOHM, R2 = 47 KOHM
|
Philips Semiconductors NXP Semiconductors
|
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA124EE |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTA124EK |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTA124EEF |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|